|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Flyback Transformer ELECTRONICS INC. EPC3163G * Used in Flyback Topology Converter * Bobbin : UL94V-0 Recognized Materials * UL 1446 Class B Insulation System * Gapped Transformer * Duty Cycle : 85% Max. Electrical Parameters @ 25 C Inductance (H 10%) @ 10 KHz, 0.1 Vrms 434 Pins 1-2 1.758 Pins 1-2 .257 Pins 4-5 .161 Pins 7-8 8:1 Pins 1-2:4-5 12:1 Pins 1-2:8-7 DCR ( Typ.) Turns Ratio Leakage Inductance (H Typ.) @ 100 KHz, 0.1 Vrms 7.5 Pins 1-2 All other wdg's shorted 2000 Pri. to Sec. Wdg's Dielectric Rating (Vac) Package Schematic .854 Max. (12.70) Pin 1 I.D. PCA EPC3163G D.C. .449 Max. (11.40) .071 (1.80) .827 (21.00) .079 (2.00) 1 V in (28-191 Vdc) 2 4 Shield 8 13 V/.307 A 7 .012 (.300) (20 V/ .03A) 5 .590 (15.00) 10 6 .110 (2.80) 1.008 (25.60) Suggested Pad Layout 1 .148 (3.75) 5 .039 (1.00) .148 (3.75) .079 (2.00) Unless Otherwise Specified Dimensions are in Inches /mm .010 /.25 PCA ELECTRONICS, INC. 16799 SCHOENBORN ST. NORTH HILLS, CA 91343 Product performance is limited to specified parameters. Data is subject to change without prior notice. CSC3163G Rev. 2 10/8/03 TEL: (818) 892-0761 FAX: (818) 894-5791 http://www.pca.com |
Price & Availability of EPC3163G |